Part Number Hot Search : 
SF2176E 0BB90N1 TQ080 97M00 MAX11 TQ080 AK6481CM AMC7135S
Product Description
Full Text Search
 

To Download CPH-ETD29-1S-13P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
E T D cores and acces s ories
C OIL F OR ME R G eneral data 13-pins E T D29 c oil former P A R A ME T E R C oil former material P in material Maximum operating temperature R es is tance to s oldering heat S olderability S P E C IF IC A T ION polybutyleneterephtalate (P B T ), glas s -reinforced, flame retardant in accordance with "UL 94V-0"; UL file number E 45329 copper-tin alloy (C uS n), tin- (S n) plated 155 C , "IE C 60 085", clas s F "IE C 60 068-2-20", P art 2, Tes t T b, method 1B , 350 C , 3.5 s "IE C 60 068-2-20", Part 2, Tes t Ta, method 1
E T D29
W inding data for 13-pins E T D29 c oil former NUMB E R OF S E C T IONS 1 W INDING AR E A (mm 2) 95 MINIMUM W INDING W IDT H (mm) 19.4 AVE R AG E L E NG T H OF T UR N (mm) 52
T Y P E NUMB E R
C P H-E T D29-1S -13P


▲Up To Search▲   

 
Price & Availability of CPH-ETD29-1S-13P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X